Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 108Page - Renesas Technology Corp 7721 Datasheet HTML 109Page - Renesas Technology Corp 7721 Datasheet HTML 110Page - Renesas Technology Corp 7721 Datasheet HTML 111Page - Renesas Technology Corp 7721 Datasheet HTML 112Page - Renesas Technology Corp 7721 Datasheet HTML 113Page - Renesas Technology Corp 7721 Datasheet HTML 114Page - Renesas Technology Corp 7721 Datasheet HTML 115Page - Renesas Technology Corp 7721 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 577 page
background image
7721 Group User’s Manual
INTERRUPTS
7–15
7.7.2 Push operation for registers
The push operation for registers performed in the INTACK sequence depends on whether the contents of
the stack pointer (S) at acceptance of an interrupt request are even or odd.
When the contents of the stack pointer (S) are even, the contents of the program counter (PC) and the
processor status register (PS) are simultaneously pushed in a unit of 16 bits. When the contents of the
stack pointer (S) are odd, each of these registers is pushed in a unit of 8 bits. Figure 7.7.3 shows the push
operation for registers.
In the INTACK sequence, only the contents of the program bank register (PG), program counter (PC), and
processor status register (PS) are pushed onto the stack area. The other necessary registers must be
pushed by software at the start of the interrupt routine.
By using the PSH instruction, all CPU registers except the stack pointer (S) can be pushed.
7.7 Sequence from acceptance of interrupt request until execution of interrupt routine
Fig. 7.7.3 Push operation for registers
Pushed in 3 times.
Ž Pushed in a unit of 16 bits.
Œ
 Pushed in a unit of 16 bits.
(1) When contents of stack pointer (S) are even
Low-order byte of processor status register (PSL)
Program bank register (PG)
Address
[S] – 4 (even)
[S] – 3 (odd)
[S] – 2 (even)
[S] – 1 (odd)
[S] (even)
Order for push
[S] – 5 (odd)
Address
[S] – 4 (odd)
[S] – 3 (even)
[S] – 2 (odd)
[S] – 1 (even)
[S] (odd)
Ž
Œ



Pushed in a unit of 8 bits.
Order for push
Pushed in 5 times.
[S] – 5 (even)
High-order byte of processor status register (PSH)
Low-order byte of program counter (PCL)
High-order byte of program counter (PCH)
(2) When contents of stack pointer (S) are odd
Low-order byte of processor status register (PSL)
Program bank register (PG)
High-order byte of processor status register (PSH)
Low-order byte of program counter (PCL)
High-order byte of program counter (PCH)
V [S] is an initial address that the stack pointer (S) indicates when an interrupt request is accepted.
The S’s contents become “[S] – 5” after all of the above registers are pushed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com