Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 112Page - Renesas Technology Corp 7721 Datasheet HTML 113Page - Renesas Technology Corp 7721 Datasheet HTML 114Page - Renesas Technology Corp 7721 Datasheet HTML 115Page - Renesas Technology Corp 7721 Datasheet HTML 116Page - Renesas Technology Corp 7721 Datasheet HTML 117Page - Renesas Technology Corp 7721 Datasheet HTML 118Page - Renesas Technology Corp 7721 Datasheet HTML 119Page - Renesas Technology Corp 7721 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 577 page
background image
7721 Group User’s Manual
INTERRUPTS
7–19
___
7.10 External interrupts (INTi interrupt)
Note: The interrupt request bits of INT0 to INT2 interrupts are invalid when the level sense is selected.
0 : Interrupt request bit is set to “1”
at “H” level when level sense is
selected; this bit is set to “1” at
falling edge when edge sense is
selected.
1 : Interrupt request bit is set to “1”
at “L” at level when level sense is
selected; this bit is set to “1” at
rising edge when edge sense is
selected.
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b7
b6
b5
b4
b3
b2
b1
b0
INT0
to INT2 interrupt control registers (Addresses 7D16 to 7F16)
Bit
4
Interrupt request bit (Note)
2
1
0
Bit name
At reset
0
RW
Functions
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
Interrupt priority level select bits
3
RW
RW
RW
RW
RW
0
0
0
0
Polarity select bit
0 : Edge sense
1 : Level sense
7, 6
5
RW
–
0
Undefined
Level sense/Edge sense
select bit
Nothing is assigned.
___
Fig. 7.10.1 Structure of INTi (i=0 to 2) interrupt control register
Bit
Corresponding pin
Functions
0
1
2
3
4
5
6
7
INT0
pin
MA8
pin
Port P10 direction register (Address 1816)
b1
b0
b2
b3
b4
b5
b6
b7
At reset
RW
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
0 : Input mode
1 : Output mode
When using a pin as an input pin
for an external interrupt,clear the
corresponding bit to “0.”
: Bits 3 to 7 are not used for external interrupts.
INT1
pin
INT2
pin
TC
pin
CAS
pin
RAS
pin
MA9
pin
Fig. 7.10.2 Relationship between port P10 direction register and input pins of external interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com