Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 115Page - Renesas Technology Corp 7721 Datasheet HTML 116Page - Renesas Technology Corp 7721 Datasheet HTML 117Page - Renesas Technology Corp 7721 Datasheet HTML 118Page - Renesas Technology Corp 7721 Datasheet HTML 119Page - Renesas Technology Corp 7721 Datasheet HTML 120Page - Renesas Technology Corp 7721 Datasheet HTML 121Page - Renesas Technology Corp 7721 Datasheet HTML 122Page - Renesas Technology Corp 7721 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 577 page
background image
7721 Group User’s Manual
INTERRUPTS
7–22
b4
0
1
0
1
Fig. 7.11.1 Program example to reserve time required for change of interrupt priority level
Table 7.11.1 Correspondence between number of instructions to be inserted in Figure 7.11.1 and
interrupt priority detection time select bits
7.11 Precautions for interrupts
7.11 Precautions for interrupts
When changing the interrupt priority level select bits (bits 0 to 2 at addresses 6C16 to 7F16), 2 to 7 cycles
of
φ are required until the interrupt priority level is changed. Therefore, when the interrupt priority level of
a certain interrupt source is repeatedly changed in a very short time, which consists of a few instructions,
it is necessary to reserve the time required for the change by software. Figure 7.11.1 shows a program
example to reserve the time required for the change. Note that the time required for the change depends
on the contents of the interrupt priority detection time select bits (bits 4 and 5 at address 5E16). Table 7.11.1
lists the correspondence between the number of instructions inserted in Figure 7.11.1 and the interrupt
priority detection time select bits.
Interrupt priority detection time select bits (Note)
Interrupt priority level
detection time
7 cycles of
φ
4 cycles of
φ
2 cycles of
φ
Do not select.
b5
0
0
1
1
Number of inserted
NOP instructions
4 or more
2 or more
1 or more
Note: We recommend [b5 = “1”, b4 = “0”].
; Write instruction for the interrupt priority level select bits
; Inserted NOP instruction (Note)
;
;
; Write instruction for the interrupt priority level select bits
Note: Except the write instruction for address XX , any instruction which has the same
cycles as the NOP instruction can also be inserted.
For the number of inserted NOP instructions, refer to “Table 7.11.1.”
XX: any of 6C to 7F
:
LDM.B #0XH, 00XXH
NOP
NOP
NOP
LDM.B #0XH, 00XXH
:
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com