Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 111Page - Renesas Technology Corp 7721 Datasheet HTML 112Page - Renesas Technology Corp 7721 Datasheet HTML 113Page - Renesas Technology Corp 7721 Datasheet HTML 114Page - Renesas Technology Corp 7721 Datasheet HTML 115Page - Renesas Technology Corp 7721 Datasheet HTML 116Page - Renesas Technology Corp 7721 Datasheet HTML 117Page - Renesas Technology Corp 7721 Datasheet HTML 118Page - Renesas Technology Corp 7721 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 577 page
background image
7721 Group User’s Manual
INTERRUPTS
7–18
____
7.10 External interrupts (INTi interrupt)
____
An external interrupt request occurs by an input signal to the INTi (i = 0 to 2) pin. The occurrence factor
of the interrupt request can be selected by the level sense/edge sense select bit and the polarity select bit
(bits 5 and 4 at addresses 7D16 to 7F16) shown in Figure 7.10.1. Table 7.10.1 lists the occurrence factor of
____
INTi interrupt request.
____
____
When using P100/INT0 to P102/INT2 pins as input pins of external interrupts, set the corresponding bits at
address 1816 (port P10 direction register) to “0.” (Refer to “Figure 7.10.2.”)
____
The signals input to the INTi pin require “H”- or “L”- level width of 250 ns or more, independent of f(XIN).
____
____
Additionally, even when using the pins P100/INT0 to P102/INT2 as the input pins of external interrupts, the
user can obtain the pin’s state by reading bits 0 to 2 at address 1616 (port P10 register).
Note: When selecting an input signal’s falling or “L” level as the occurrence factor of an interrupt request,
make sure that the input signal is held “L” for 250 ns or more. When selecting an input signal’s rising
or “H” level as that, make sure that the input signal is held “H” for 250 ns or more.
___
7.10 External interrupts (INTi interrupt)
___
Table 7.10.1 Occurrence factor of INTi interrupt request
b4
0
1
0
1
b5
0
0
1
1
___
INTi interrupt request occurrence factor
___
___
The INTi interrupt request occurs by detecting the state of pin INTi all the time. Therefore, when the user
___
___
does not use the INTi interrupt, set the INTi interrupt’s priority level to level 0.
___
Interrupt request occurs at the falling edge of a signal input to pin INTi (Edge sense).
___
Interrupt request occurs at the rising edge of a signal input to pin INTi (Edge sense).
___
Interrupt request occurs when pin INTi is at “H” level (Level sense).
___
Interrupt request occurs when pin INTi is at “L” level (Level sense).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com