Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 130Page - Renesas Technology Corp 7721 Datasheet HTML 131Page - Renesas Technology Corp 7721 Datasheet HTML 132Page - Renesas Technology Corp 7721 Datasheet HTML 133Page - Renesas Technology Corp 7721 Datasheet HTML 134Page - Renesas Technology Corp 7721 Datasheet HTML 135Page - Renesas Technology Corp 7721 Datasheet HTML 136Page - Renesas Technology Corp 7721 Datasheet HTML 137Page - Renesas Technology Corp 7721 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–15
8.3 Timer mode
8.3.4 Selectable functions
The following describes the selectable gate function for Timers A2 to A4 and pulse output function.
(1)
Gate function
The gate function is selected by setting the gate function select bits (bits 4 and 3 at addresses 5816
to 5A16 ) to “102” or “112.” The gate function makes it possible to start or stop counting depending on
the TAjIN pin’s input signal. Table 8.3.3 lists the count valid levels. Figure 8.3.5 shows an example
of operation with the gate function selected.
When selecting the gate function, set the port P5 direction registers’ bits which correspond to the
TAjIN pin for the input mode. Additionally, make sure that the TAjIN pin’s input signal has a pulse width
equal to or more than two cycles of the count source.
Table 8.3.3 Count valid levels
Gate function select bits
b4
1
1
b3
0
1
Count valid level (Duration while counter counts)
While TAjIN pin’s input signal is at “L” level
While TAjIN pin’s input signal is at “H” level
Note: The counter does not count while the TAjIN pin’s input signal is not at the count valid level.
Fig. 8.3.5 Example of operation selecting gate function
FFFF16
n
000016
Time
Œ Starts counting.
n = Reload register’s contents
 Stops counting.
Set to “1” by software.
Count start bit
TAjIN pin’s
input signal
Count valid
level
Timer Aj interrupt
request bit
Cleared to “0” when
interrupt request is
accepted or cleared
by software.
Œ The counter counts when the count start bit = “1” and the TAjIN pin’s input signal is at the count valid
level.
 The counter stops counting while the TAjIN pin’s input signal is not at the count valid level, and the
counter value is retained.
Invalid level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com