Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 126Page - Renesas Technology Corp 7721 Datasheet HTML 127Page - Renesas Technology Corp 7721 Datasheet HTML 128Page - Renesas Technology Corp 7721 Datasheet HTML 129Page - Renesas Technology Corp 7721 Datasheet HTML 130Page - Renesas Technology Corp 7721 Datasheet HTML 131Page - Renesas Technology Corp 7721 Datasheet HTML 132Page - Renesas Technology Corp 7721 Datasheet HTML 133Page - Renesas Technology Corp 7721 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–11
8.3 Timer mode
8.3.1 Setting for timer mode
Figures 8.3.2 and 8.3.3 show an initial setting example for registers relevant to the timer mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to section “CHAPTER
7. INTERRUPTS.”
Fig. 8.3.2 Initial setting example for registers relevant to timer mode (1)
Note: The counter divides the count source frequency by (n + 1).
Setting division ratio
b7
b0
Can be set to “000016” to “FFFF16” (n).
(b15)
(b8)
b7
b0
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Continue to Figure 8.3.3 on next page.
b7
b0
Pulse output function select bit
0: No pulse output.
1: Pulses output.
00
Selecting timer mode and each function
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
Count source select bits
0 0: f2
0 1: f16
1 0: f64
1 1: f512
b7 b6
Gate function select bits
0 0:
0 1:
1 0: Gate function (Counter counts only while TAjIN pin’s input signal is at “L” level.)
1 1: Gate function (Counter counts only while TAjIN pin’s input signal is at “H” level.)
b4 b3
Selection of timer mode
No gate function
0
Note: For Timers A0 and A1, set bits 0 to 5 to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com