Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 124Page - Renesas Technology Corp 7721 Datasheet HTML 125Page - Renesas Technology Corp 7721 Datasheet HTML 126Page - Renesas Technology Corp 7721 Datasheet HTML 127Page - Renesas Technology Corp 7721 Datasheet HTML 128Page - Renesas Technology Corp 7721 Datasheet HTML 129Page - Renesas Technology Corp 7721 Datasheet HTML 130Page - Renesas Technology Corp 7721 Datasheet HTML 131Page - Renesas Technology Corp 7721 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–9
8.3 Timer mode
8.3 Timer mode
In this mode, the timer counts an internally generated count source. (Refer to “Table 8.3.1.”) Figure 8.3.1
shows the structures of the timer Ai mode register and timer Ai register in the timer mode.
Table 8.3.1 Specifications of timer mode
1
(n + 1)
Item
Count source
Count operation
Division ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
TAjIN pin’s function
TAjOUT pin’s function
Read from timer Ai register
Write to timer Ai register
Specifications
f2, f16, f64, or f512
• Countdown
• When a counter underflow occurs, reload register’s contents are reloaded,
and counting continues.
When the count start bit is set to “1.”
When the count start bit is cleared to “0.”
When a counter underflow occurs.
Programmable I/O port or gate input
Programmable I/O port or pulse output
Counter value can be read out.
q While counting is stopped
When a value is written to the timer Ai register, it is written to both
of the reload register and counter.
q While counting is in progress
When a value is written to the timer Ai register, it is written only to
the reload register. (Transferred to the counter at the next reload
timing.)
n : Timer Ai register’s set value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com