Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 123Page - Renesas Technology Corp 7721 Datasheet HTML 124Page - Renesas Technology Corp 7721 Datasheet HTML 125Page - Renesas Technology Corp 7721 Datasheet HTML 126Page - Renesas Technology Corp 7721 Datasheet HTML 127Page - Renesas Technology Corp 7721 Datasheet HTML 128Page - Renesas Technology Corp 7721 Datasheet HTML 129Page - Renesas Technology Corp 7721 Datasheet HTML 130Page - Renesas Technology Corp 7721 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–8
8.2 Block description
8.2.5 Port P5 direction register
The I/O pins of Timers A2 to A4 are multiplexed with port P5. When using these pins as Timer Aj’s input
pins, set the corresponding bits of the port P5 direction register to “0” to set these port pins for the input
mode. When used as Timer Aj’s output pins, these pins are forcibly set to the output pins of Timer Aj
regardless of the direction registers’s contents. Figure 8.2.5 shows the relationship between the port P5
direction register and the Timer Aj’s I/O pins.
Bit
Bit name
Functions
0
1
2
3
4
5
6
7
TA2OUT pin
TA3OUT pin
TA3IN pin
0 : Input mode
1 : Output mode
When using these pins as Timer Aj’
s input pins, set the corresponding
bits to “0.”
Port P5 direction register (Address D16)
b1
b0
b2
b3
b4
b5
b6
b7
TA2IN pin
At reset
RW
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
: Bits 6 and 7 are not used for Timer A.
TA4OUT pin
TB0IN pin
TB1IN pin
TA4IN pin
Fig. 8.2.5 Relationship between port P5 direction register and Timer Aj’s I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com