Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 160Page - Renesas Technology Corp 7721 Datasheet HTML 161Page - Renesas Technology Corp 7721 Datasheet HTML 162Page - Renesas Technology Corp 7721 Datasheet HTML 163Page - Renesas Technology Corp 7721 Datasheet HTML 164Page - Renesas Technology Corp 7721 Datasheet HTML 165Page - Renesas Technology Corp 7721 Datasheet HTML 166Page - Renesas Technology Corp 7721 Datasheet HTML 167Page - Renesas Technology Corp 7721 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–45
8.6 Pulse width modulation (PWM) mode
Fig. 8.6.6 Operation example of 8-bit pulse width modulator
Œ Count source
TAjIN pin’s
input signal
1 / fi ! (m+1) ! (28 –1)
PWM pulse output
from TAjOUT pin
Note: The above applies when the reload register’s high-order 8 bits (n) = “0216”
and low-order 8 bits (m) = “0216” and an external trigger (falling edge of TAjIN pin
input signal) is selected.
Timer Aj interrupt
request bit
Cleared to “0” when interrupt request is accepted or cleared by software.
fi: Frequency of count source
(f2, f16, f64, or f512)
Œ The 8-bit prescaler counts the count source.
 The 8-bit pulse width modulator counts the 8-bit prescaler’s underflow signal.
 8-bit prescaler’s
underflow signal
1 / fi ! (m+1) ! (n)
1 / fi ! (m+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com