Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 157Page - Renesas Technology Corp 7721 Datasheet HTML 158Page - Renesas Technology Corp 7721 Datasheet HTML 159Page - Renesas Technology Corp 7721 Datasheet HTML 160Page - Renesas Technology Corp 7721 Datasheet HTML 161Page - Renesas Technology Corp 7721 Datasheet HTML 162Page - Renesas Technology Corp 7721 Datasheet HTML 163Page - Renesas Technology Corp 7721 Datasheet HTML 164Page - Renesas Technology Corp 7721 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–42
8.6 Pulse width modulation (PWM) mode
8.6.2 Count source
In the PWM mode, the count source select bits (bits 6 and 7 at addresses 5816 to 5A16) select the count
source. Table 8.6.2 lists the count source frequency.
Table 8.6.2 Count source frequency
b6
0
1
0
1
Count source
select bits
b7
0
0
1
1
Count
source
f2
f16
f64
f512
f(XIN) = 8 MHz
4 MHz
500 kHz
125 kHz
15625 Hz
Count source frequency
f(XIN) = 25 MHz
12.5 MHz
1.5625 MHz
390.625 kHz
48.8281 kHz
f(XIN) = 16 MHz
8 MHz
1 MHz
250 kHz
31250 Hz
8.6.3 Trigger
When a trigger is generated, the TAjOUT pin starts outputting PWM pulses. An internal or an external trigger
can be selected as that trigger.
An internal trigger is selected when the trigger select bits (bits 4 and 3 at addresses 5816 to 5A16) are “002”
or “012”; an external trigger is selected when the bits are “102” or “112.”
A trigger generated during outputting of PWM pulses is invalid and it does not affect the pulse output
operation.
(1)
When selecting internal trigger
A trigger is generated when “1” is written to the count start bit (address 4016).
(2)
When selecting external trigger
A trigger is generated at the falling edge of the TAjIN pin’s input signal when bit 3 at addresses 5816
to 5A16 is “0,” or at its rising edge when bit 3 is “1.” However, the trigger input is accepted only when
the count start bit is “1.”
When using an external trigger, set the port P5 direction registers’ bits which correspond to the TAjIN
pins for the input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com