Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 155Page - Renesas Technology Corp 7721 Datasheet HTML 156Page - Renesas Technology Corp 7721 Datasheet HTML 157Page - Renesas Technology Corp 7721 Datasheet HTML 158Page - Renesas Technology Corp 7721 Datasheet HTML 159Page - Renesas Technology Corp 7721 Datasheet HTML 160Page - Renesas Technology Corp 7721 Datasheet HTML 161Page - Renesas Technology Corp 7721 Datasheet HTML 162Page - Renesas Technology Corp 7721 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–40
8.6 Pulse width modulation (PWM) mode
8.6.1 Setting for PWM mode
Figures 8.6.2 and 8.6.3 show an initial setting example for registers relevant to the PWM mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to
“CHAPTER 7.
INTERRUPTS.”
Fig. 8.6.2 Initial setting example for registers relevant to PWM mode (1)
Note: When operating as 8-bit pulse width modulator
fi : Frequency of count source
However, if n = “0016”, the pulse width modulator
does not operate and the TAjOUT pin outputs “L”
level. At this time, no timer Aj interrupt request
occurs.
b7
b0
Count source select bits
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
11
Selecting PWM mode and each function
Timer Aj mode register (j = 2 to 4) (Addresses 5816 to 5A16)
b7 b6
1
16/8-bit PWM mode select bit
0 : Operates as 16-bit pulse width modulator
1 : Operates as 8-bit pulse width modulator
Continue to Figure 8.6.3.
Trigger select bits
0 0 :
0 1 :
1 0 : Falling edge of TAjIN pin’s input signal
1 1 : Rising edge of TAjIN pin’s input signal
b3
b4
Selection of PWM mode
Setting PWM pulse’s period and “H” level width
b7
b0
Can be set to “000016” to “FFFE16” (n)
(b15)
(b8)
b7
b0
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Note: When operating as 16-bit pulse width modulator
fi : Frequency of count source
However, if n = “000016”, the pulse width modulator does
not operate and the TAjOUT pin outputs “L” level. At this time,
no timer Aj interrupt request occurs.
q When operating as 16-bit pulse width modulator
b7
b0
Can be set to “0016” to “FF16” (m)
(b15)
(b8)
b7
b0
q When operating as 8-bit pulse width modulator
Can be set to “0016” to “FE16” (n)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
Writing “1” to count start bit: Internal trigger
: External trigger
: External trigger
“H” level width =
Period =
“H” level width =
Period =
216 – 1
fi
n
fi
(m+1) (28 –1 )
fi
n(m+1)
fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com