Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 151Page - Renesas Technology Corp 7721 Datasheet HTML 152Page - Renesas Technology Corp 7721 Datasheet HTML 153Page - Renesas Technology Corp 7721 Datasheet HTML 154Page - Renesas Technology Corp 7721 Datasheet HTML 155Page - Renesas Technology Corp 7721 Datasheet HTML 156Page - Renesas Technology Corp 7721 Datasheet HTML 157Page - Renesas Technology Corp 7721 Datasheet HTML 158Page - Renesas Technology Corp 7721 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–36
8.5 One-shot pulse mode
Stops
counting.
Starts counting.
FFFF16
n
000116
Time
Œ Count start bit
Timer Aj interrupt
request bit
n = Reload register’s contents
Cleared to “0” when interrupt request is accepted
or cleared by software.
Set to “1” by software.
Starts counting.
TAjIN pin
input signal
One-shot pulse
output from
TAjOUT pin
 Trigger during counting
1 / fi ! (n)
Note: The above applies when an external trigger (rising of TAjIN pin’s input signal) is selected.
1 / fi ! (n+1)
Œ When the count start bit = “0” (counting stopped), the TAjOUT pin outputs “L” level.
 When a trigger is generated during counting, the counter counts the count source (n + 1) times after a new trigger is generated.
fi = Frequency of count source
(f2, f16, f64, or f512)
Stops counting.
Reloaded
Reloaded
Fig. 8.5.5 Example of operation in one-shot pulse mode (selecting external trigger)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com