Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 150Page - Renesas Technology Corp 7721 Datasheet HTML 151Page - Renesas Technology Corp 7721 Datasheet HTML 152Page - Renesas Technology Corp 7721 Datasheet HTML 153Page - Renesas Technology Corp 7721 Datasheet HTML 154Page - Renesas Technology Corp 7721 Datasheet HTML 155Page - Renesas Technology Corp 7721 Datasheet HTML 156Page - Renesas Technology Corp 7721 Datasheet HTML 157Page - Renesas Technology Corp 7721 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–35
8.5 One-shot pulse mode
8.5.4 Operation in one-shot pulse mode
Œ When the one-shot pulse mode is selected with the operating mode select bits, the TAjOUT pin outputs
“L” level.
 When the count start bit is set to “1,” the counter is enabled for counting. After that, counting starts when
a trigger is generated.
Ž When the counter starts counting, the TAjOUT pin outputs “H” level.
 When the counter value becomes “000016,” the output from the TAjOUT pin becomes “L” level. Additionally,
the reload register’s contents are reloaded and the counter stops counting there.
 Simultaneously with , the timer Aj interrupt request bit is set to “1.”
This interrupt request bit remains set to “1” until the interrupt request is accepted or the interrupt request
bit is cleared to “0” by software.
Figure 8.5.5 shows an example of operation in the one-shot pulse mode.
When a trigger is generated after  above, the counter and TAjOUT pin perform the same operations
beginning from  again. Furthermore, if a trigger is generated during counting, the counter performs
countdown once after this new trigger is generated, and it continues counting with the reload register’s
contents reloaded. If generating a trigger during counting, make sure that a certain time which is equivalent
to one cycle of the timer’s count source or more has passed between the previously generated trigger and
a new trigger.
The one-shot pulse output from the TAjOUT pin can be disabled by clearing the timer Aj mode register’s bit
2 to “0.” Accordingly, Timer Aj can be also used as an internal one-shot timer that does not perform the
pulse output. In this case, the TAjOUT pin functions as a programmable I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com