Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 146Page - Renesas Technology Corp 7721 Datasheet HTML 147Page - Renesas Technology Corp 7721 Datasheet HTML 148Page - Renesas Technology Corp 7721 Datasheet HTML 149Page - Renesas Technology Corp 7721 Datasheet HTML 150Page - Renesas Technology Corp 7721 Datasheet HTML 151Page - Renesas Technology Corp 7721 Datasheet HTML 152Page - Renesas Technology Corp 7721 Datasheet HTML 153Page - Renesas Technology Corp 7721 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–31
8.5 One-shot pulse mode
8.5.1 Setting for one-shot pulse mode
Figures 8.5.2 and 8.5.3 show an initial setting example for registers relevant to the one-shot pulse mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to
“CHAPTER 7.
INTERRUPTS.”
Fig. 8.5.2 Initial setting example for registers relevant to one-shot pulse mode (1)
Continue to Figure 8.5.3.
Setting interrupt priority level
b7
b0
Timer Aj interrupt control register (j = 2 to 4)
(Addresses 7716 to 7916)
Interrupt priority level select bits
When using interrupts, set these bits to one of levels 1 to 7.
When disabling interrupts, set these bits to level 0.
b7
b0
10
0
Selecting one-shot pulse mode and each function
Timer Aj mode register (j = 2 to 4) (Addresses 5816 to 5A16)
1
Trigger select bits
0 0 :
0 1 :
1 0 : Falling edge of TAjIN pin’s input signal: External trigger
1 1 : Rising edge of TAjIN pin’s input signal: External trigger
b4 b3
Count source select bits
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Selection of one-shot pulse mode
Setting “H” level width of one-shot pulse
b7
b0
Can be set to “000116” to “FFFF16” (n).
(b15)
(b8)
b7
b0
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
“H” level width =
Writing “1” to one-shot start bit: Internal trigger
fi
Note.
n
fi: Frequency of count source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com