Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 144Page - Renesas Technology Corp 7721 Datasheet HTML 145Page - Renesas Technology Corp 7721 Datasheet HTML 146Page - Renesas Technology Corp 7721 Datasheet HTML 147Page - Renesas Technology Corp 7721 Datasheet HTML 148Page - Renesas Technology Corp 7721 Datasheet HTML 149Page - Renesas Technology Corp 7721 Datasheet HTML 150Page - Renesas Technology Corp 7721 Datasheet HTML 151Page - Renesas Technology Corp 7721 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–29
8.5 One-shot pulse mode
8.5 One-shot pulse mode
In this mode, the timer outputs a pulse which has an arbitrary width once. (Refer to “Table 8.5.1.”) Timers
A2 to A4 can be used in this mode. When a trigger occurs, the timer outputs “H” level from the TAjOUT pin
for an arbitrary time. Figure 8.5.1 shows the structures of the timer Aj mode register and timer Aj register
in the one-shot pulse mode.
Table 8.5.1 Specifications of one-shot pulse mode
Specifications
f2, f16, f64, or f512
q Countdown
q When the counter value becomes “000016,” reload register’s con-
tents are reloaded, and counting stops.
q If a trigger occurs during counting, reload register’s contents are
reloaded, and counting continues.
q When a trigger occurs. (Note)
q Internal or external trigger can be selected by software.
q When the counter value becomes “000016
,”
q When the count start bit is cleared to “0”
When counting stops.
Programmable I/O port or trigger input
One-shot pulse output
An undefined value is read out.
q While counting is stopped
When a value is written to the timer Aj register, it is written to both
of the reload register and counter.
q While counting is in progress
When a value is written to the timer Aj register, it is written only to
the reload register. (Transferred to the counter at the next reload
time.)
Item
Count source
Count operation
Output pulse width (“H”)
Count start condition
Count stop condition
Interrupt request occurrence timing
TAjIN pin’s function
TAjOUT pin’s function
Read from timer Aj register
Write to timer Aj register
n
fi
[S]
n : Timer Aj register’s set value
Note: The trigger is generated with the count start bit = “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com