Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 141Page - Renesas Technology Corp 7721 Datasheet HTML 142Page - Renesas Technology Corp 7721 Datasheet HTML 143Page - Renesas Technology Corp 7721 Datasheet HTML 144Page - Renesas Technology Corp 7721 Datasheet HTML 145Page - Renesas Technology Corp 7721 Datasheet HTML 146Page - Renesas Technology Corp 7721 Datasheet HTML 147Page - Renesas Technology Corp 7721 Datasheet HTML 148Page - Renesas Technology Corp 7721 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–26
8.4 Event counter mode
(2)
Two-phase pulse signal processing function
The two-phase pulse signal processing function is selected by setting the two-phase pulse signal
processing select bits (bits 5 to 7 at address 4416) to “1.” (Refer to “Figure 8.4.5.”) Figure 8.4.6
shows the timer Aj mode registers when the two-phase pulse signal processing function is selected.
For timers with the two-phase pulse signal processing function selected, the timer counts two kinds
of pulses of which phases differ by 90 degrees. There are two types of the two-phase pulse signal
processing: normal processing and quadruple processing. In Timers A2 and A3, normal processing
is performed; in timer A4, quadruple processing is performed.
For some bits of the port P5 direction register correspond to pins used for two-phase pulse input, set
these bits for the input mode.
Fig. 8.4.6 Timer Aj mode registers when two-phase pulse signal processing function is selected
qNormal processing
Countup is performed at the rising edges input to the TAkIN pin when the phase has the relationship
that the TAkIN pin’s input signal level goes from “L” to “H” while the TAkOUT (k = 2 and 3) pin’s input
signal is at “H” level.
Countdown is performed at the falling edges input to the TAkIN pin when the phase has the
relationship that the TAkIN pin’s input signal level goes from “H” to “L” while the TAkOUT pin’s input
signal is at “H” level. (Refer to “Figure 8.4.7.”)
Fig. 8.4.7 Normal processing
1
00
0
0
1
Timer A2 mode register (Address 5816)
Timer A3 mode register (Address 5916)
Timer A4 mode register (Address 5A16)
b7
b6
b5
b4
b3
b2
b1
b0
! : It may be either “0” or “1.”
!!
TAkOUT
TAkIN
(k=2, 3)
Up
count
+1
+1
+1
–1
–1
–1
Counted
up
Counted
up
Counted
up
Counted
down
Counted
down
Counted
down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com