Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 139Page - Renesas Technology Corp 7721 Datasheet HTML 140Page - Renesas Technology Corp 7721 Datasheet HTML 141Page - Renesas Technology Corp 7721 Datasheet HTML 142Page - Renesas Technology Corp 7721 Datasheet HTML 143Page - Renesas Technology Corp 7721 Datasheet HTML 144Page - Renesas Technology Corp 7721 Datasheet HTML 145Page - Renesas Technology Corp 7721 Datasheet HTML 146Page - Renesas Technology Corp 7721 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–24
8.4 Event counter mode
8.4.3 Switching between countup and countdown
The up-down register (address 4416) or the input signal from the TAjOUT pin is used to switch countup from
and to countdown. This switching is performed by the up-down bit when the up-down switching factor select
bit (bit 4 at addresses 5816 to 5A16) is “0,” and by the input signal from the TAjOUT pin when the up-down
switching factor select bit is “1.”
When the switching between countup and countdown is set while counting is in progress, this switching is
actually performed when the count source’s next valid edge is input.
(1)
Switching by up-down bit
Countdown is performed when the up-down bit is “0,” and countup is performed when the up-down
bit is “1.” Figure 8.4.5 shows the structure of the up-down register.
(2)
Switching by TAjOUT pin’s input signal
Countdown is performed when the TAjOUT pin’s input signal is at “L” level, and countup is performed
when the TAjOUT pin’s input signal is at “H” level.
When using the TAjOUT pin’s input signal to switch countup from and to countdown, set the port P5
direction register’s bit which corresponds to the TAjOUT pin for the input mode.
Fig. 8.4.5 Structure of up-down register
Bit
Bit name
At reset
0
0
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Up-down register (Address 4416)
0
0
0
Timer A4 up-down bit
Timer A3 up-down bit
Timer A2 up-down bit
Fix these bits to “0.”
Timer A2 two-phase pulse signal
processing select bit
(Note)
Timer A3 two-phase pulse signal
processing select bit
(Note)
Timer A4 two-phase pulse signal
processing select bit
(Note)
0 : Countdown
1 : Countup
This function is valid when the contents of
the up-down register is selected as the up-
down switching factor.
0 : Two-phase pulse signal
processing function disabled
1 : Two-phase pulse signal
processing function enabled
When not using the two-phase pulse
signal processing function, set the bit
to “0.”
The value is “0” at reading.
Note: Use the LDM or STA instruction for writing to bits 5 to 7.
0
1
2
3
4
5
6
7
RW
RW
RW
RW
RW
WO
WO
WO
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com