Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 136Page - Renesas Technology Corp 7721 Datasheet HTML 137Page - Renesas Technology Corp 7721 Datasheet HTML 138Page - Renesas Technology Corp 7721 Datasheet HTML 139Page - Renesas Technology Corp 7721 Datasheet HTML 140Page - Renesas Technology Corp 7721 Datasheet HTML 141Page - Renesas Technology Corp 7721 Datasheet HTML 142Page - Renesas Technology Corp 7721 Datasheet HTML 143Page - Renesas Technology Corp 7721 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–21
8.4 Event counter mode
8.4.1 Setting for event counter mode
Figures 8.4.2 and 8.4.3 show an initial setting example for registers relevant to the event counter mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to “CHAPTER 7.
INTERRUPTS.”
Fig. 8.4.2 Initial setting example for registers relevant to event counter mode (1)
T The counter divides the count source frequency by (n + 1)
when counting down, or by (FFFF16 – n + 1) when counting up.
Continue to Figure 8.4.3
on next page.
b7
b0
01
0
Selecting event counter mode and each function
Timer Aj mode register (j = 2 to 4)
(Addresses 5816 to 5A16)
Pulse output function select bit
0: No pulse output
1: Pulse output
Count polarity select bit
0: Counts at falling edge of external signal.
1: Counts at rising edge of external signal.
Up-down switching factor select bit
0: Contents of up-down register
1: Input signal to TAjOUT pin
! : It may be either “0” or “1.”
Selection of event counter mode
Setting division ratio
b7
b0
Can be set to
“000016” to “FFFF16” (n).
(b15)
(b8)
b7
b0
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
!!
b7
b0
Setting up-down register
Up-down register (Address 4416)
Timer A2 up-down bit
Timer A3 up-down bit
Timer A4 up-down bit
Timer A2 two-phase pulse signal processing select bit
Timer A3 two-phase pulse signal processing select bit
Timer A4 two-phase pulse signal processing select bit
Set the corresponding up-down bit when the contents of
the up-down register are selected as the up-down
switching factor.
Set the corresponding bit to “1” when the two-phase pulse
signal processing function is selected for timers A2 to A4.
0: Countdown
1: Countup
0: Two-phase pulse signal processing
function disabled
1: Two-phase pulse signal processing
function enabled
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com