Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 137Page - Renesas Technology Corp 7721 Datasheet HTML 138Page - Renesas Technology Corp 7721 Datasheet HTML 139Page - Renesas Technology Corp 7721 Datasheet HTML 140Page - Renesas Technology Corp 7721 Datasheet HTML 141Page - Renesas Technology Corp 7721 Datasheet HTML 142Page - Renesas Technology Corp 7721 Datasheet HTML 143Page - Renesas Technology Corp 7721 Datasheet HTML 144Page - Renesas Technology Corp 7721 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–22
8.4 Event counter mode
Fig. 8.4.3 Initial setting example for registers relevant to event counter mode (2)
Setting the count start bit to “1”
b7
b0
Count start register
(Address 4016)
Timer A2 count start bit
Timer A3 count start bit
Timer A4 count start bit
Count starts
From preceding Figure 8.4.2.
Setting port P5 direction register
b7
b0
Port P5 direction register (Address D16)
TA2IN pin
TA3OUT pin
TA3IN pin
TA4OUT pin
TA4IN pin
Clear the bit corresponding to the TAjIN pin to “0.”
When selecting the TAjOUT pin’s input signal as the up-down switching factor, set
the bit corresponding to the TAjOUT pin to “0.”
When selecting the two-phase pulse signal processing function, set the bit
corresponding to the TAjOUT pin to “0.”
TA2OUT pin
Setting interrupt priority level
b7
b0
Timer Aj interrupt control register (j = 2 to 4)
(Addresses 7716 to 7916)
Interrupt priority level select bits
When using interrupts, set these bits
to one of levels 1 to 7.
When disabling interrupts, set these
bits to level 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com