Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 135Page - Renesas Technology Corp 7721 Datasheet HTML 136Page - Renesas Technology Corp 7721 Datasheet HTML 137Page - Renesas Technology Corp 7721 Datasheet HTML 138Page - Renesas Technology Corp 7721 Datasheet HTML 139Page - Renesas Technology Corp 7721 Datasheet HTML 140Page - Renesas Technology Corp 7721 Datasheet HTML 141Page - Renesas Technology Corp 7721 Datasheet HTML 142Page - Renesas Technology Corp 7721 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–20
8.4 Event counter mode
Fig. 8.4.1 Structures of timer Aj mode register and timer Aj register in event counter mode
b7
b6
b5
b4
b3
b2
b1
b0
00 1
Bit
Up-down switching factor select
bit
Count polarity select bit
Bit name
These bits are invalid in event counter mode.
Fix this bit to “0” in event counter mode.
7
Functions
0 : Counts at falling edge of external signal
1 : Counts at rising edge of external signal
0 : Contents of up-down register
1 : Input signal to TAjOUT pin
At reset
0
0
0
0
0
RW
Pulse output function select bit
Operating mode select bits
1
0 : No pulse output (TAjOUT pin functions
as a programmable I/O port.)
1 : Pulse output (TAjOUT pin functions
as a pulse output pin.)
0 1 : Event counter mode
b1 b0
0
0
0
!!
0
2
RW
RW
3
4
5
6
RW
RW
RW
RW
RW
RW
Timer Aj mode register (j = 2 to 4) (Addresses 5816 to 5A16)
b7
b0
b7
b0
(b15)
(b8)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
RW
15 to 0
Bit
Functions
At reset
RW
These bits can be set to “000016” to “FFFF16.”
Assuming that the set value = n, the counter
divides the count source frequency by (n + 1)
during countdown, or by (FFFF16 – n + 1)
during countup.
When reading, the register indicates the
counter value.
Undefined
Note: Read from or write to this register in a unit of 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com