Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 143Page - Renesas Technology Corp 7721 Datasheet HTML 144Page - Renesas Technology Corp 7721 Datasheet HTML 145Page - Renesas Technology Corp 7721 Datasheet HTML 146Page - Renesas Technology Corp 7721 Datasheet HTML 147Page - Renesas Technology Corp 7721 Datasheet HTML 148Page - Renesas Technology Corp 7721 Datasheet HTML 149Page - Renesas Technology Corp 7721 Datasheet HTML 150Page - Renesas Technology Corp 7721 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–28
8.4 Event counter mode
[Precautions for event counter mode]
1. While counting is in progress, by reading the timer Aj register, the counter value can be read out at any
timing. However, if the timer Aj register is read at the reload timing shown in Figure 8.4.9, the value
“FFFF16” (at an underflow) or “000016” (at an overflow) is read out. If reading is performed in the period
from when a value is set into the timer Aj register with the counter stopped until the counter starts
counting, the set value is correctly read out.
Fig. 8.4.9 Reading timer Aj register
2. The TAjOUT pin is used for all functions listed below. Accordingly, only one of these functions can be
selected for each timer.
•Switching between countup and countdown by TAjOUT pin’s input signal
•Pulse output function
•Two-phase pulse signal processing function
21
0
n
n – 1
Counter value
(Hex.)
21
0
FFFF n – 1
Read value
(Hex.)
Reload
Time
n = Reload register’s contents
(1) For countdown
FFFD FFFE FFFF
n
n + 1
FFFD FFFE FFFF 0000 n + 1
(2) For countup
Counter value
(Hex.)
Read value
(Hex.)
Reload
Time
n = Reload register’s contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com