Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 145Page - Renesas Technology Corp 7721 Datasheet HTML 146Page - Renesas Technology Corp 7721 Datasheet HTML 147Page - Renesas Technology Corp 7721 Datasheet HTML 148Page - Renesas Technology Corp 7721 Datasheet HTML 149Page - Renesas Technology Corp 7721 Datasheet HTML 150Page - Renesas Technology Corp 7721 Datasheet HTML 151Page - Renesas Technology Corp 7721 Datasheet HTML 152Page - Renesas Technology Corp 7721 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–30
8.5 One-shot pulse mode
Fig. 8.5.1 Structures of timer Aj mode register and timer Aj register in one-shot pulse mode
Trigger select bits
Fix this bit to “1” in one-shot pulse mode.
1 @
Bit name
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Timer Aj mode register (j = 2 to 4) (Addresses 5816 to 5A16)
1 0 : One-shot pulse mode
7
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Count source select bits
b1 b0
b4 b3
Fix this bit to “0” in one-shot pulse mode.
10
1
0 0 : Writing “1” to one-shot start register
0 1 : (TAjIN pin functions as a prog-
rammable I/O port.)
1 0 : Falling edge of TAjIN pin’s input signal
1 1 : Rising edge of TAjIN pin’s input signal
Bit
At reset
0
0
0
0
0
0
0
0
RW
0
4
0
2
3
5
6
RW
RW
RW
RW
RW
RW
RW
RW
Operating mode select bits
b7
b0
b7
b0
(b15)
(b8)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
RW
15 to 0 These bits can be set to “000116” to “FFFF16.”
Assuming that the set value = n, the “H” level
width of the one-shot pulse output from the
TAjOUT pin is expressed as follows :
Undefined
fi: Frequency of count source (f2, f16, f64, or f512)
WO
n
fi.
Note: Use the LDM or STA instruction for writing to this register.
Read from or write to this register in a unit of 16 bits.
Functions
Bit
At reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com