Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 188Page - Renesas Technology Corp 7721 Datasheet HTML 189Page - Renesas Technology Corp 7721 Datasheet HTML 190Page - Renesas Technology Corp 7721 Datasheet HTML 191Page - Renesas Technology Corp 7721 Datasheet HTML 192Page - Renesas Technology Corp 7721 Datasheet HTML 193Page - Renesas Technology Corp 7721 Datasheet HTML 194Page - Renesas Technology Corp 7721 Datasheet HTML 195Page - Renesas Technology Corp 7721 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 577 page
background image
TIMER B
7721 Group User’s Manual
9–25
9.5 Pulse period/Pulse width measurement mode
[Precautions for pulse period/pulse width measurement mode]
1. A timer Bj interrupt request is generated by the following sources:
q Input of measured pulse’s valid edge
q Counter overflow
When the overflow generates the interrupt request, the timer Bj overflow flag is set to “1.”
2. After reset, the timer Bj overflow flag is undefined. When a value is written to the timer Bj mode register
with the count start bit = “1,” this flag is cleared to “0” at the next count timing of the count source.
3. An undefined value is transferred to the reload register when the first valid edge is input after the counter
starts counting. In this case, no timer Bj interrupt request occurs.
4. The counter value at start of counting is undefined. Accordingly, a timer Bj interrupt request may be
generated by an overflow immediately after the counter starts counting.
5. If the contents of the measurement mode select bits are changed after the counter starts counting, the
timer Bj interrupt request bit is set to “1.” When the same value which has been set in these bits are
written again, the timer Bj interrupt request bit is not changed, that is, the bit retains the state.
6. If the input signal to the TBjIN pin is affected by noise, etc., the counter may not perform the exact
measurement. We recommend to verify, by software, that the measurement values are within a constant
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com