Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 187Page - Renesas Technology Corp 7721 Datasheet HTML 188Page - Renesas Technology Corp 7721 Datasheet HTML 189Page - Renesas Technology Corp 7721 Datasheet HTML 190Page - Renesas Technology Corp 7721 Datasheet HTML 191Page - Renesas Technology Corp 7721 Datasheet HTML 192Page - Renesas Technology Corp 7721 Datasheet HTML 193Page - Renesas Technology Corp 7721 Datasheet HTML 194Page - Renesas Technology Corp 7721 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 577 page
background image
7721 Group User’s Manual
TIMER B
9–24
9.5 Pulse period/Pulse width measurement mode
Fig. 9.5.3 Operation during pulse period measurement
Fig. 9.5.4 Operation during pulse width measurement
Count source
Measurement pulse
Timing at which counter is
cleared to “000016”
Note: The above applies when measurement is performed for an interval from one falling edge to the next
falling edge of the measurement pulse.
Reload register
Counter
Transfer timing
Count start bit
Œ Counter is initialized by completion of measurement.
 Counter overflow.
Œ

Œ
Cleared to “0” when interrupt request is accepted or
cleared by software.
Timer Bj interrupt
request bit
Timer Bj overflow flag
Transferred
(undefined value)
Transferred
(measured value)
Measurement pulse
Count source
Timing at which counter is
cleared to “000016”
Count start bit
Timer Bj interrupt
request bit
Timer Bj overflow flag
Reload register
Counter
Transfer timing
Œ Counter is initialized by completion of measurement.
 Counter overflow.
Transferred
(measured
value)
Transferred
(measured
value)
Transferred
(measured
value)
Transferred
(undefined
value)
Œ

ŒŒ
Œ
Cleared to “0” when interrupt request is accepted or
cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com