Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 183Page - Renesas Technology Corp 7721 Datasheet HTML 184Page - Renesas Technology Corp 7721 Datasheet HTML 185Page - Renesas Technology Corp 7721 Datasheet HTML 186Page - Renesas Technology Corp 7721 Datasheet HTML 187Page - Renesas Technology Corp 7721 Datasheet HTML 188Page - Renesas Technology Corp 7721 Datasheet HTML 189Page - Renesas Technology Corp 7721 Datasheet HTML 190Page - Renesas Technology Corp 7721 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 577 page
background image
7721 Group User’s Manual
TIMER B
9–20
9.5 Pulse period/Pulse width measurement mode
Fig. 9.5.1 Structures of timer Bj mode register and timer Bj register in pulse period/pulse width
measurement mode
Measurement mode select bits
1
Operating mode select bits
Bit name
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Timer Bj mode register (j = 0, 1) (Addresses 5B16, 5C16)
1 0 : Pulse period/Pulse width
measurement mode
7
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Count source select bits
b1 b0
b3 b2
Nothing is assigned.
0
1
0 0 : Pulse period measurement
(Interval between falling edges
of measurement pulse)
0 1 : Pulse period measurement
(Interval between rising edges
of measurement pulse)
1 0 : Pulse width measurement
(Interval from a falling edge to a rising
edge, and from a rising edge to a
falling edge of measurement pulse)
1 1 : Do not select.
Bit
At reset
Undefined
0
RW
4
0
2
3
6
RW
RW
RW
RW
–
RW
RW
5
0
0
0
Timer Bj overflow flag
(Note)
0 : No overflow
1 : Overflowed
Undefined
RO
0
0
Note: The timer Bj overflow flag is cleared to “0” at the next count timing of the count source
when a value is written to the timer Bj mode register with the count start bit = “1.”
b7
b0
b7
b0
(b15)
(b8)
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
RW
15 to 0 The measurement result of pulse period or
pulse width is read out.
Undefined
RO
Note: Read from this register in a unit of 16 bits.
Functions
Bit
At reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com