Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 182Page - Renesas Technology Corp 7721 Datasheet HTML 183Page - Renesas Technology Corp 7721 Datasheet HTML 184Page - Renesas Technology Corp 7721 Datasheet HTML 185Page - Renesas Technology Corp 7721 Datasheet HTML 186Page - Renesas Technology Corp 7721 Datasheet HTML 187Page - Renesas Technology Corp 7721 Datasheet HTML 188Page - Renesas Technology Corp 7721 Datasheet HTML 189Page - Renesas Technology Corp 7721 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 577 page
background image
TIMER B
7721 Group User’s Manual
9–19
9.5 Pulse period/Pulse width measurement mode
9.5 Pulse period/Pulse width measurement mode
In this mode, the timer measures an external signal’s pulse period or pulse width. (Refer to “Table 9.5.1.”)
Timers B0 and B1 can be used in this mode. Figure 9.5.1 shows the structures of the timer Bj mode register
and timer Bj register in the pulse period/pulse width measurement mode.
q Pulse period measurement
The timer measures the pulse period of the external signal that is input to the TBjIN pin.
q Pulse width measurement
The timer measures the pulse width (“L” level and “H” level widths) of the external signal that is input
to the TBjIN pin.
Table 9.5.1 Specifications of pulse period/pulse width measurement mode
Item
Count source
Count operation
Count start condition
Count stop condition
Interrupt request occurrence timing
TBjIN pin’s function
Read from timer Bj register
Write to timer Bj register
Timer Bj overflow flagV: The bit used to identify the source of an interrupt request occurrence.
Notes 1: No interrupt request occurs when the first valid edge is input after the counter starts counting.
2: The value read out from the timer Bj register is undefined after the counter starts counting until
the second valid edge is input.
Specifications
f2, f16, f64, or f512
q Countup
q Counter value is transferred to the reload register at valid edge of
measurement pulse, and counting continues after clearing the counter
value to “000016.”
When the count start bit is set to “1.”
When the count start bit is cleared to “0.”
q When valid edge of measurement pulse is input (Note 1).
q When a counter overflow occurs (Timer Bj overflow flagV is set to
“1” simultaneously.)
Measurement pulse input
The value obtained by reading timer Bj register is the reload register’s
contents (Measurement result) (Note 2).
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com