Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 179Page - Renesas Technology Corp 7721 Datasheet HTML 180Page - Renesas Technology Corp 7721 Datasheet HTML 181Page - Renesas Technology Corp 7721 Datasheet HTML 182Page - Renesas Technology Corp 7721 Datasheet HTML 183Page - Renesas Technology Corp 7721 Datasheet HTML 184Page - Renesas Technology Corp 7721 Datasheet HTML 185Page - Renesas Technology Corp 7721 Datasheet HTML 186Page - Renesas Technology Corp 7721 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 577 page
background image
7721 Group User’s Manual
TIMER B
9–16
9.4 Event counter mode
9.4.1 Setting for event counter mode
Figure 9.4.2 shows an initial setting example for registers relevant to the event counter mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to “CHAPTER 7.
INTERRUPTS.”
Note: The counter divides the count source by (n + 1).
Setting division ratio
b7
b0
Can be set to “000016” to “FFFF16” (n).
(b15)
(b8)
b7
b0
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
Count starts
b7
b0
0 0 : Counts at falling edge of external signal.
0 1 : Counts at rising edge of external signal.
1 0 : Counts at both of falling and rising edges of external signal.
1 1 : Do not select.
01
Selecting event counter mode and count polarity
Timer Bj mode register (j = 0, 1) (Addresses 5B16, 5C16)
Setting count start bit to “1”
b7
b0
Count start register (Address 4016)
Timer B0 count start bit
Timer B1 count start bit
b3 b2
Setting interrupt priority level
b7
b0
Timer Bj interrupt control register (j = 0, 1)
(Addresses 7A16, 7B16)
Interrupt priority level select bits
When using interrupts, set these bits to one of levels 1 to 7.
When disabling interrupts, set these bits to level 0.
Setting port P5 direction register
b7
b0
Port P5 direction register (Address D16)
Clear the corresponding bit to “0.”
TB0IN pin
TB1IN pin
!
!: It may be “0” or “1.”
Selection of event counter mode
Count polarity select bits
!
!
Fig. 9.4.2 Initial setting example for registers relevant to event counter mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com