Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 178Page - Renesas Technology Corp 7721 Datasheet HTML 179Page - Renesas Technology Corp 7721 Datasheet HTML 180Page - Renesas Technology Corp 7721 Datasheet HTML 181Page - Renesas Technology Corp 7721 Datasheet HTML 182Page - Renesas Technology Corp 7721 Datasheet HTML 183Page - Renesas Technology Corp 7721 Datasheet HTML 184Page - Renesas Technology Corp 7721 Datasheet HTML 185Page - Renesas Technology Corp 7721 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 577 page
background image
TIMER B
7721 Group User’s Manual
9–15
9.4 Event counter mode
Fig. 9.4.1 Structures of timer Bj mode register and timer Bj register in event counter mode
b7
b0
b7
b0
(b15)
(b8)
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
RW
15 to 0
Bit
Functions
At reset
RW
These bits can be set to “000016” to “FFFF16.”
Assuming that the set value = n, the counter
divides the count source frequency by (n + 1).
When reading, the register indicates the
counter value.
Undefined
Note: Read from or write to this register in a unit of 16 bits.
0 0 : Count at falling edge of external signal
0 1 : Count at rising edge of external signal
1 0 : Counts at both falling and rising edges
of external signal
1 1 : Do not select.
b7
b6
b5
b4
b3
b2
b1
b0
01
Bit
Count polarity select bits
Bit name
These bits are invalid in event counter mode.
This bit is invalid in event counter mode; its value is undefined at
reading.
7
Functions
At reset
0
0
0
RW
Operating mode select bits
1
0 1 : Event counter mode
b1 b0
0
0
0
!!
0
2
RW
RW
3
4
5
6
RW
RW
—
RW
RW
Timer Bj mode register (j = 0, 1) (Addresses 5B16, 5C16)
b3 b2
Nothing is assigned.
!
Undefined
Undefined
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com