Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 174Page - Renesas Technology Corp 7721 Datasheet HTML 175Page - Renesas Technology Corp 7721 Datasheet HTML 176Page - Renesas Technology Corp 7721 Datasheet HTML 177Page - Renesas Technology Corp 7721 Datasheet HTML 178Page - Renesas Technology Corp 7721 Datasheet HTML 179Page - Renesas Technology Corp 7721 Datasheet HTML 180Page - Renesas Technology Corp 7721 Datasheet HTML 181Page - Renesas Technology Corp 7721 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 577 page
background image
TIMER B
7721 Group User’s Manual
9–11
9.3 Timer mode
9.3.2 Count source
In the timer mode, the count source select bits (bits 6 and 7 at addresses 5B16 to 5D16) select the count
source. Table 9.3.2 lists the count source frequency.
Table 9.3.2 Count source frequency
b6
0
1
0
1
Count source
select bits
b7
0
0
1
1
Count
source
f2
f16
f64
f512
f(XIN) = 8 MHz
4 MHz
500 kHz
125 kHz
15625 Hz
Count source frequency
f(XIN) = 25 MHz
12.5 MHz
1.5625 MHz
390.625 kHz
48.8281 kHz
f(XIN) = 16 MHz
8 MHz
1 MHz
250 kHz
31250 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com