Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 171Page - Renesas Technology Corp 7721 Datasheet HTML 172Page - Renesas Technology Corp 7721 Datasheet HTML 173Page - Renesas Technology Corp 7721 Datasheet HTML 174Page - Renesas Technology Corp 7721 Datasheet HTML 175Page - Renesas Technology Corp 7721 Datasheet HTML 176Page - Renesas Technology Corp 7721 Datasheet HTML 177Page - Renesas Technology Corp 7721 Datasheet HTML 178Page - Renesas Technology Corp 7721 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 577 page
background image
7721 Group User’s Manual
TIMER B
9–8
9.3 Timer mode
9.3 Timer mode
In this mode, the timer counts an internally generated count source. (Refer to “Table 9.3.1.”) Figure 9.3.1
shows the structures of the timer Bi mode register and timer Bi register in the timer mode.
Table 9.3.1 Specifications of timer mode
Item
Count source
Count operation
Division ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
TBjIN pin’s function
Read from timer Bi register
Write to timer Bi register
Specifications
f2, f16, f64, or f512
•Countdown
•When a counter underflow occurs, reload register’s contents are reloaded,
and counting continues.
When the count start bit is set to “1.”
When the count start bit is cleared to “0.”
When a counter underflow occurs.
Programmable I/O port
Counter value can be read out.
q While counting is stopped
When a value is written to the timer Bi register, it is written to both
of the reload register and counter.
q While counting is in progress
When a value is written to the timer Bi register, it is written only to
the reload register. (Transferred to the counter at the next reload
time.)
1
(n + 1)
n : Timer Bi register’s set value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com