Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 172Page - Renesas Technology Corp 7721 Datasheet HTML 173Page - Renesas Technology Corp 7721 Datasheet HTML 174Page - Renesas Technology Corp 7721 Datasheet HTML 175Page - Renesas Technology Corp 7721 Datasheet HTML 176Page - Renesas Technology Corp 7721 Datasheet HTML 177Page - Renesas Technology Corp 7721 Datasheet HTML 178Page - Renesas Technology Corp 7721 Datasheet HTML 179Page - Renesas Technology Corp 7721 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 577 page
background image
TIMER B
7721 Group User’s Manual
9–9
9.3 Timer mode
Fig. 9.3.1 Structures of timer Bi mode register and timer Bi register in timer mode
b7
b6
b5
b4
b3
b2
b1
b0
00
Bit
This bit is invalid in timer mode; its value is undefined at reading.
Nothing is assigned.
Bit name
Count source select bits
Functions
At reset
RW
These bits are invalid in timer mode.
Operating mode select bits
1
0 0 : Timer mode
b1 b0
0
!
!
0
2
RW
RW
3
RW
RW
Timer Bi mode register (i = 0 to 2) (Addresses 5B16 to 5D16)
!
0
0
0
–
Undefined
4
Undefined
5
6
7
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
RW
0
RW
0
RO
b7
b0
b7
b0
(b15)
(b8)
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
Timer B2 register (Addresses 5516, 5416)
RW
15 to 0
Bit
Functions
At reset
These bits can be set to “000016” to “FFFF16.”
Assuming that the set value = n, the counter
divides the count source frequency by (n + 1).
When reading, the register indicates the
counter value.
Undefined
RW
Note: Read from or write to this register in a unit of 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com