Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 170Page - Renesas Technology Corp 7721 Datasheet HTML 171Page - Renesas Technology Corp 7721 Datasheet HTML 172Page - Renesas Technology Corp 7721 Datasheet HTML 173Page - Renesas Technology Corp 7721 Datasheet HTML 174Page - Renesas Technology Corp 7721 Datasheet HTML 175Page - Renesas Technology Corp 7721 Datasheet HTML 176Page - Renesas Technology Corp 7721 Datasheet HTML 177Page - Renesas Technology Corp 7721 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 577 page
background image
7721 Group User’s Manual
TIMER B
9–7
9.2.5 Port P5 direction register
Input pins of Timer Bj are multiplexed with port P5. When using these pins as Timer Bj’s input pins, set
the corresponding bits of the port P5 direction register to “0” to set these port pins for the input mode.
Figure 9.2.5 shows the relationship between port P5 direction register and the Timer Bj’s input pins.
9.2 Block description
Fig. 9.2.5 Relationship between port P5 direction register and Timer Bj’s input pins
0
1
2
3
4
5
6
7
TA2OUT pin
pin
TA3OUT
pin
TA4OUT
TB0
Por t P5 direction register (Address D16)
b1
b0
b2
b3
b4
b5
b6
b7
TA2I
I
N
RW
0
0
0
0
0
0
0
0
: Bits 0 to 5 are not used for Timer B.
Corresponding pin name
Functions
Bit
At reset
0 :
Input mode
1 :
Output mode
When using these pins as
Timer Bj's input pins, set the
corresponding bits to "0 ."
RW
RW
RW
RW
RW
RW
RW
RW
pin
TA3 N pin
I
TA4 N pin
IN
pin
TB1IN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com