Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 204Page - Renesas Technology Corp 7721 Datasheet HTML 205Page - Renesas Technology Corp 7721 Datasheet HTML 206Page - Renesas Technology Corp 7721 Datasheet HTML 207Page - Renesas Technology Corp 7721 Datasheet HTML 208Page - Renesas Technology Corp 7721 Datasheet HTML 209Page - Renesas Technology Corp 7721 Datasheet HTML 210Page - Renesas Technology Corp 7721 Datasheet HTML 211Page - Renesas Technology Corp 7721 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–5
(1)
Internal/External clock select bit (bit 3)
s Clock synchronous serial I/O mode
By clearing this bit to “0” in order to select an internal clock, the clock which is selected with the
BRG count source select bits (bits 0 and 1 at addresses 3416, 3C16) becomes the count source of
the BRGi (described later). The BRGi’s output divided by 2 becomes the transfer clock. Additionally,
the transfer clock is output from the CLKi pin.
By setting this bit to “1” in order to select an external clock, the clock input to the CLKi pin
becomes the transfer clock.
s UART mode
By clearing this bit to “0” in order to select an internal clock, the clock which is selected with the
BRG count source select bits (bits 0 and 1 at addresses 3416, 3C16) becomes the count source of
the BRGi (described later). Then, the CLKi pin functions as a programmable I/O port.
By setting this bit to “1” in order to select an external clock, the clock input to the CLKi pin
becomes the count source of BRGi.
Always in the UART mode, the BRGi’s output divided by 16 becomes the transfer clock.
11.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com