Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 206Page - Renesas Technology Corp 7721 Datasheet HTML 207Page - Renesas Technology Corp 7721 Datasheet HTML 208Page - Renesas Technology Corp 7721 Datasheet HTML 209Page - Renesas Technology Corp 7721 Datasheet HTML 210Page - Renesas Technology Corp 7721 Datasheet HTML 211Page - Renesas Technology Corp 7721 Datasheet HTML 212Page - Renesas Technology Corp 7721 Datasheet HTML 213Page - Renesas Technology Corp 7721 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–7
11.2 Block description
11.2.3 UARTi transmit/receive control register 1
Figure 11.2.4 shows the structure of UARTi transmit/receive control register 1. For bits 4 to 7, refer to
section “11.3.6 Processing on detecting overrun error” and “11.4.7 Processing on detecting error.”
Bit
Bit name
At reset
5
Framing error flag
(Valid in UART mode)
0
0 : No framing error
1 : Framing error detected
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
Notes 1: Bit 4 is cleared to “0” when the receive enable bit is cleared to “0” or when the serial
I/O mode select bits (bits 2 to 0 at addresses 3016, 3816) are cleared to “0002.”
Bits 5 and 6 are cleared to “0” when one of the following is performed:
•Clearing the receive enable bit to “0”
•Reading the low-order byte of the UARTi receive buffer register (addresses 3616, 3E16)
out
•Clearing the serial I/O mode select bits (bits 2 to 0 at addresses 3016, 3816) to “0002”
Bit 7 is cleared to “0” when all of bits 4 to 6 become “0.”
2: Bits 5 to 7 are invalid in the clock synchronous serial I/O mode.
0
Transmit enable bit
0
0 : Transmission disabled
1 : Transmission enabled
1
Transmit buffer empty flag
1
0 : Data present in transmit buffer
register
1 : No data present in transmit
buffer register
2
Receive enable bit
0
0 : Reception disabled
1 : Reception enabled
3
Receive complete flag
0
0 : No data present in receive
buffer register
1 : Data present in receive buffer
register
4
Overrun error flag
0
0 : No overrun error
1 : Overrun error detected
6
Parity error flag
(Valid in UART mode)
0
0 : No parity error
1 : Parity error detected
7
Error sum flag
(Valid in UART mode)
0
0 : No error
1 : Error detected
(Notes 1, 2)
(Notes 1, 2)
(Notes 1, 2)
(Note 1)
RW
RO
RW
RO
RO
RO
RO
RO
Fig. 11.2.4 Structure of UARTi transmit/receive control register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com