Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 210Page - Renesas Technology Corp 7721 Datasheet HTML 211Page - Renesas Technology Corp 7721 Datasheet HTML 212Page - Renesas Technology Corp 7721 Datasheet HTML 213Page - Renesas Technology Corp 7721 Datasheet HTML 214Page - Renesas Technology Corp 7721 Datasheet HTML 215Page - Renesas Technology Corp 7721 Datasheet HTML 216Page - Renesas Technology Corp 7721 Datasheet HTML 217Page - Renesas Technology Corp 7721 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–11
11.2.5 UARTi receive register and UARTi receive buffer register
Figure 11.2.7 shows the block diagram for the receiver; Figure 11.2.8 shows the structure of UARTi receive
buffer register.
11.2 Block description
Fig. 11.2.7 Block diagram for receiver
Clock sync.
SP
SP
PAR
2SP
1SP
UART
0
0
0
0
0
0
0
RxDi
D8
D7
D6
D5
D4
D3
D2
D1
D0
SP : Stop bit
PAR : Parity bit
8-bit UART
9-bit UART
7-bit UART
9-bit UART
Clock sync.
Clock sync.
7-bit UART
8-bit UART
Data bus (even)
Data bus (odd)
UARTi receive register
Parity
enabled
Parity
disabled
UARTi receive
buffer register
b7
b0
Bit
8 to 0
At reset
Undefined
RW
Functions
RO
b7
b0
(b15)
(b8)
15 to 9
–
UART0 receive buffer register (Addresses 3716, 3616)
UART1 receive buffer register (Addresses 3F16, 3E16)
Nothing is assigned.
The value is “0” at reading.
Receive data is read out from here.
0
Fig. 11.2.8 Structure of UARTi receive buffer register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com