Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 213Page - Renesas Technology Corp 7721 Datasheet HTML 214Page - Renesas Technology Corp 7721 Datasheet HTML 215Page - Renesas Technology Corp 7721 Datasheet HTML 216Page - Renesas Technology Corp 7721 Datasheet HTML 217Page - Renesas Technology Corp 7721 Datasheet HTML 218Page - Renesas Technology Corp 7721 Datasheet HTML 219Page - Renesas Technology Corp 7721 Datasheet HTML 220Page - Renesas Technology Corp 7721 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–14
11.2.7 UARTi transmit interrupt control and UARTi receive interrupt control registers
When using UARTi, 2 types of interrupts, which are UARTi transmit and UARTi receive interrupts, can be
used. Each interrupt has its corresponding interrupt control register. Figure 11.2.12 shows the structure of
UARTi transmit interrupt control and UARTi receive interrupt control registers.
For details about interrupts, refer to “CHAPTER 7. INTERRUPTS.”
11.2 Block description
Fig. 11.2.12 Structure of UARTi transmit interrupt control and UARTi receive interrupt control registers
(1)
Interrupt priority level select bits (bits 0 to 2)
These bits select a priority level of the UARTi transmit interrupt or UARTi receive interrupt. When
using UARTi transmit/receive interrupts, select one of the priority levels (1 to 7). When a UARTi
transmit/receive interrupt request occurs, its priority level is compared with the processor interrupt
priority level (IPL). The requested interrupt is enabled only when its priority level is higher than the
IPL. (However, this applies when the interrupt disable flag (I) = “0.”) To disable UARTi
transmit/receive interrupts, set these bits to “0002” (level 0).
(2)
Interrupt request bit (bit 3)
The UARTi transmit interrupt request bit is set to “1” when data is transferred from the UARTi
transmit buffer register to the UARTi transmit register. The UARTi receive interrupt request bit is set
to “1” when data is transferred from the UARTi receive register to the UARTi receive buffer register.
(However, when an overrun error occurs, it does not change.)
Each interrupt request bit is automatically cleared to “0” when its corresponding interrupt request is
accepted. This bit can be set to “1” or “0” by software.
b7
b6
b5
b4
b3
b2
b1
b0
UART0 transmit interrupt control register (Address 7116)
UART0 receive interrupt control register (Address 7216)
UART1 transmit interrupt control register (Address 7316)
UART1 receive interrupt control register (Address 7416)
Bit
7 to 4
Interrupt request bit
2
1
0
Bit name
At reset
0
RW
Functions
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
Low level
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
High level
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
Interrupt priority level select bits
3
RW
RW
RW
RW
–
Undefined
0
0
0
Nothing is assigned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com