Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 216Page - Renesas Technology Corp 7721 Datasheet HTML 217Page - Renesas Technology Corp 7721 Datasheet HTML 218Page - Renesas Technology Corp 7721 Datasheet HTML 219Page - Renesas Technology Corp 7721 Datasheet HTML 220Page - Renesas Technology Corp 7721 Datasheet HTML 221Page - Renesas Technology Corp 7721 Datasheet HTML 222Page - Renesas Technology Corp 7721 Datasheet HTML 223Page - Renesas Technology Corp 7721 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–17
11.3 Clock synchronous serial I/O mode
11.3.1 Transfer clock (Synchronizing clock)
Data transfer is performed synchronously with the transfer clock. For the transfer clock, the user can select
whether to generate the transfer clock internally or to input it from the external.
The transfer clock is generated by operation of the transmit control circuit. Accordingly, even when performing
only reception, set the transmit enable bit to “1,” and set dummy data in the UARTi transmit buffer register
in order to make the transmit control circuit active.
(1)
Internal generation of transfer clock
The count source selected with the BRG count source select bits is divided by the BRGi, and the
BRGi output is further divided by 2. This is the transfer clock. The transfer clock is output from the
CLKi pin.
[Setting for relevant registers]
•Select an internal clock (bit 3 at addresses 3016, 3816 = “0”).
•Select the BRGi’s count source (bits 0 and 1 at addresses 3416, 3C16)
•Set “division value – 1” (= n; 0016 to FF16) to the BRGi (addresses 3116, 3916).
Transfer clock’s frequency =
•Enable transmission (bit 0 at addresses 3516, 3D16 = “1”).
•Set data to the UARTi transmit buffer register (addresses 3216, 3A16)
[Pin’s state]
•A transfer clock is output from the CLKi pin.
•Serial data is output from the TxDi pin. (Dummy data is output when performing only reception.)
(2)
Input of transfer clock from the external
A clock input from the CLKi pin is the transfer clock.
[Setting for relevant registers]
•Select an external clock (bit 3 at addresses 3016, 3816 = “1”).
•Enable transmission (bit 0 at addresses 3516, 3D16 = “1”).
•Set data to the UARTi transmit buffer register (addresses 3216, 3A16).
[Pin’s state]
•A transfer clock is input from the CLKi pin.
•Serial data is output from the TxDi pin. (Dummy data is output when performing only reception.)
fi: Frequency of BRGi’s count source (f2, f16, f64 , f512)
fi
2 (n+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com