Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 215Page - Renesas Technology Corp 7721 Datasheet HTML 216Page - Renesas Technology Corp 7721 Datasheet HTML 217Page - Renesas Technology Corp 7721 Datasheet HTML 218Page - Renesas Technology Corp 7721 Datasheet HTML 219Page - Renesas Technology Corp 7721 Datasheet HTML 220Page - Renesas Technology Corp 7721 Datasheet HTML 221Page - Renesas Technology Corp 7721 Datasheet HTML 222Page - Renesas Technology Corp 7721 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–16
11.3 Clock synchronous serial I/O mode
11.3 Clock synchronous serial I/O mode
Table 11.3.1 lists the performance overview in the clock synchronous serial I/O mode, and Table 11.3.2 lists
the functions of I/O pins in this mode.
Table 11.3.1 Performance overview in clock synchronous serial I/O mode
Item
Transfer data format
Transfer rate
Transmit/Receive control
When selecting internal clock
When selecting external clock
Functions
Transfer data has a length of 8 bits.
LSB first
BRGi’s output divided by 2
Maximum 5 Mbps
____
____
CTS function or RTS function can be selected by software.
Table 11.3.2 Functions of I/O pins in clock synchronous serial I/O mode
Functions
Serial data output
Serial data input
Transfer clock output
Transfer clock input
____
CTS input
____
RTS output
Pin name
TxDi (P83, P87)
(Note)
RxDi (P82, P86)
CLKi (P81, P85)
___
___
CTSi/RTSi
(P80, P84)
Method of selection
(Dummy data is output when performing only reception.)
Port P8 direction registerU1’s corresponding bit = “0”
(Can be used as an I/O port when performing only transmission.)
Internal/External clock select bitU2 = “0”
Internal/External clock select bit = “1”
____ ____
CTS/RTS select bitU3 = “0”
____ ____
CTS/RTS select bit = “1”
Port P8 direction registerU1: address 1416
Internal/External clock select bitU2: bit 3 at addresses 3016, 3816
____ ____
CTS/RTS select bitU3: bit 2 at addresses 3416, 3C16
Note: The TxDi pin outputs “H” level until transmission starts after UARTi’s operating mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com