Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 211Page - Renesas Technology Corp 7721 Datasheet HTML 212Page - Renesas Technology Corp 7721 Datasheet HTML 213Page - Renesas Technology Corp 7721 Datasheet HTML 214Page - Renesas Technology Corp 7721 Datasheet HTML 215Page - Renesas Technology Corp 7721 Datasheet HTML 216Page - Renesas Technology Corp 7721 Datasheet HTML 217Page - Renesas Technology Corp 7721 Datasheet HTML 218Page - Renesas Technology Corp 7721 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–12
The UARTi receive register is used to convert serial data which is input to the RxDi pin into parallel data.
This register takes in the signal input to the RxDi pin in a unit of 1 bit synchronously with the transfer clock.
The UARTi receive buffer register is used to read out receive data. When reception is completed, the
receive data which is taken in the UARTi receive register is automatically transferred to the UARTi receive
buffer register. Note that the contents of the UARTi receive buffer register is updated when the next data
is ready in the UARTi receive register before the data which has been transferred to the UARTi receive
buffer register is read out. (i.e., an overrun error occurs.)
The UARTi receive buffer register is initialized by setting the receive enable bit (bit 2 at addresses 3516,
3D16) to “1” after clearing it to “0.”
Figure 11.2.9 shows the contents of the UARTi receive buffer register when reception is completed.
11.2 Block description
b7
b0
b7
b0
0
000000
0
000000
0
000000
Receive data (9 bits)
Receive data (8 bits)
Receive data (7 bits)
In UART mode
(Transfer data length : 9 bits)
In clock synchronous
serial I/O mode
In UART mode
(Transfer data length : 8 bits)
In UART mode
(Transfer data length : 7 bits)
Same value as bit
7 in low-order byte
Same value as bit
6 in low-order byte
High-order byte
(addresses 3716, 3F16)
Low-order byte
(addresses 3616, 3E16)
Fig. 11.2.9 Contents of UARTi receive buffer register when reception is completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com