Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 212Page - Renesas Technology Corp 7721 Datasheet HTML 213Page - Renesas Technology Corp 7721 Datasheet HTML 214Page - Renesas Technology Corp 7721 Datasheet HTML 215Page - Renesas Technology Corp 7721 Datasheet HTML 216Page - Renesas Technology Corp 7721 Datasheet HTML 217Page - Renesas Technology Corp 7721 Datasheet HTML 218Page - Renesas Technology Corp 7721 Datasheet HTML 219Page - Renesas Technology Corp 7721 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–13
11.2.6 UARTi baud rate register (BRGi)
The UARTi baud rate register (BRGi) is an 8-bit timer exclusively used for UARTi to generate a transfer
clock. It has a reload register. Assuming that the value set in the BRGi is “n” (n = “0016” to “FF16”), the BRGi
divides the count source frequency by (n + 1).
In the clock synchronous serial I/O mode, the BRGi is valid when an internal clock is selected, and the
BRGi’s output divided by 2 becomes the transfer clock. In the UART mode, the BRGi is always valid, and
the BRGi’s output divided by 16 becomes the transfer clock.
The data which is written to the UARTi baud rate register (BRGi) is written to both the timer and the reload
register whether transmission/reception is in progress or not. Accordingly, writing to these register must be
performed while transmission/reception is stopped.
Figure 11.2.10 shows the structure of the UARTi baud rate register (BRGi); Figure 11.2.11 shows the block
diagram of transfer clock generating section.
11.2 Block description
b7
b0
UART0 baud rate register (Address 3116)
UART1 baud rate register (Address 3916)
Functions
Bit
At reset
RW
7 to 0
Can be set to “0016” to “FF16.”
Assuming that the set value = n, BRGi
divides the count source frequency by (n + 1).
Undefined
WO
Note: Writing to this register must be performed while the transmission/reception halts.
Use the LDM or STA instruction for writing to this register.
Fig. 11.2.10 Structure of UARTi baud rate register (BRGi)
BRGi
1/2
Transmit control circuit
Receive control circuit
Transfer clock for transmit operation
Transfer clock for receive operation
Transmit control circuit
Receive control circuit
Transfer clock for transmit operation
Transfer clock for receive operation
BRGi
1/16
<Clock synchronous serial I/O mode>
<UART mode>
fi : Clock selected by BRG count source select bits (f2, f16, f64, or f512)
fEXT : Clock input to CLKi pin (external clock)
1/16
fi
fEXT
fEXT
fi
Fig. 11.2.11 Block diagram of transfer clock generating section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com