Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 232Page - Renesas Technology Corp 7721 Datasheet HTML 233Page - Renesas Technology Corp 7721 Datasheet HTML 234Page - Renesas Technology Corp 7721 Datasheet HTML 235Page - Renesas Technology Corp 7721 Datasheet HTML 236Page - Renesas Technology Corp 7721 Datasheet HTML 237Page - Renesas Technology Corp 7721 Datasheet HTML 238Page - Renesas Technology Corp 7721 Datasheet HTML 239Page - Renesas Technology Corp 7721 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 577 page
background image
7721 Group User’s Manual
11–33
SERIAL I/O
11.4 Clock asynchronous serial I/O (UART) mode
11.4.2 Transfer data format
The transfer data format can be selected from formats shown in Figure 11.4.1. Bits 4 to 6 at addresses
3016 and 3816 select the transfer data format. (Refer to “Figure 11.2.2.”) Set the same transfer data format
for both transmitter and receiver sides.
Figure 11.4.2 shows an example of transfer data format. Table 11.4.5 lists each bit in transmit data.
Transfer data length of 7 bits
1ST—7DATA
1SP
1ST—7DATA
2SP
1ST—7DATA—1PAR— 1SP
1ST—7DATA—1PAR— 2SP
Transfer data length of 8 bits
1ST—8DATA
1SP
1ST—8DATA
2SP
1ST—8DATA—1PAR— 1SP
1ST—8DATA—1PAR— 2SP
Transfer data length of 9 bits
1ST—9DATA
1SP
1ST—9DATA
2SP
1ST—9DATA—1PAR— 1SP
1ST—9DATA—1PAR— 2SP
ST
: Start bit
DATA : Character bit (Transfer data)
PAR
: Parity bit
SP
: Stop bit
Fig. 11.4.1 Transfer data format
Name
ST
Start bit
DATA
Character bit
PAR
Parity bit
SP
Stop bit
Functions
“L” signal equivalent to 1 character bit which is added immediately before the
character bits. It indicates start of data transmission.
Transmit data which is set in the UARTi transmit buffer register.
A signal that is added immediately after the character bits in order to improve data
reliability. The level of this signal changes according to selection of odd/even parity
in such a way that the sum of “1”s in this bit and character bits is always an odd
or even number.
“H” level signal equivalent to 1 or 2 character bits which is added immediately after
the character bits (or parity bit when parity is enabled). It indicates finish of data
transmission.
Fig. 11.4.2 Example of transfer data format
Table 11.4.5 Each bit in transmit data
Time
•For the case where 1ST–8DATA–1PAR–1SP
ST
LSB
MSB PAR
SP
ST
Transmit/Receive data
DATA (8 bits)
Next transmit/receive data
(When continuously
transferring)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com