Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 228Page - Renesas Technology Corp 7721 Datasheet HTML 229Page - Renesas Technology Corp 7721 Datasheet HTML 230Page - Renesas Technology Corp 7721 Datasheet HTML 231Page - Renesas Technology Corp 7721 Datasheet HTML 232Page - Renesas Technology Corp 7721 Datasheet HTML 233Page - Renesas Technology Corp 7721 Datasheet HTML 234Page - Renesas Technology Corp 7721 Datasheet HTML 235Page - Renesas Technology Corp 7721 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–29
11.3 Clock synchronous serial I/O mode
11.3.6 Processing on detecting overrun error
In the clock synchronous serial I/O mode, an overrun error can be detected.
An overrun error occurs when the next data is prepared in the UARTi receive register with the receive
complete flag = “1” (data is present in the UARTi receive buffer register) and next data is transferred to
the UARTi receive buffer register, in other words, when the next data is prepared before reading out the
contents of the UARTi receive buffer register. When an overrun error occurs, the next receive data is
written into the UARTi receive buffer register, and the UARTi receive interrupt request bit is not changed.
An overrun error is detected when data is transferred from the UARTi receive register to the UARTi receive
buffer register and the overrun error flag is set to “1.” The overrun error flag is cleared to “0” by clearing
the serial I/O mode select bits to “0002” or clearing the receive enable bit to “0.”
When an overrun error occurs during reception, initialize the overrun error flag and the UARTi receive
buffer register before performing reception again. When it is necessary to perform retransmission owing to
an overrun error which occurs in the receiver side, set the UARTi transmit buffer register again before
starting transmission again.
The method of initializing the UARTi receive buffer register and that of setting the UARTi transmit buffer
register again are described below.
(1)
Method of initializing UARTi receive buffer register
Œ Clear the receive enable bit to “0” (Reception disabled).
 Set the receive enable bit to “1” again (Reception enabled).
(2)
Method of setting UARTi transmit buffer register again
Œ Clear the serial I/O mode select bits to “0002” (Serial I/O invalid).
 Set the serial I/O mode select bits to “0012” again.
Ž Set the transmit enable bit to “1” (Transmission enabled), and set the transmit data to the UARTi
transmit buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com