Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 224Page - Renesas Technology Corp 7721 Datasheet HTML 225Page - Renesas Technology Corp 7721 Datasheet HTML 226Page - Renesas Technology Corp 7721 Datasheet HTML 227Page - Renesas Technology Corp 7721 Datasheet HTML 228Page - Renesas Technology Corp 7721 Datasheet HTML 229Page - Renesas Technology Corp 7721 Datasheet HTML 230Page - Renesas Technology Corp 7721 Datasheet HTML 231Page - Renesas Technology Corp 7721 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–25
11.3 Clock synchronous serial I/O mode
Fig. 11.3.8 Initial setting example for relevant registers when receiving (2)
Port P8 direction register (Address 1416)
b7
b0
0
RXD0 pin
0
RXD1 pin
From preceding Figure 11.3.7
UART0 receive interrupt control register (Address 7216)
UART1 receive interrupt control register (Address 7416)
b7
b0
Interrupt priority level select bits
When using interrupts, set these bits to one of levels 1 to 7.
When disabling interrupts, set these bits to level 0.
UART0 transmit buffer register (Address 3216)
UART1 transmit buffer register (Address 3A16)
b7
b0
Set dummy data here.
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
b7
b0
Transmit enable bit
1 : Transmission enabled
1
1
Receive enable bit
1 : Reception enabled
Reception starts.
Note: Set the receive enable bit and the transmit enable bit
to “1” simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com