Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 226Page - Renesas Technology Corp 7721 Datasheet HTML 227Page - Renesas Technology Corp 7721 Datasheet HTML 228Page - Renesas Technology Corp 7721 Datasheet HTML 229Page - Renesas Technology Corp 7721 Datasheet HTML 230Page - Renesas Technology Corp 7721 Datasheet HTML 231Page - Renesas Technology Corp 7721 Datasheet HTML 232Page - Renesas Technology Corp 7721 Datasheet HTML 233Page - Renesas Technology Corp 7721 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–27
11.3 Clock synchronous serial I/O mode
11.3.5 Receive operation
In the case of selecting an internal clock, when the receive conditions described in section “11.3.4 Method
of reception” are satisfied, a transfer clock is generated and the reception is started after 1 cycle of the
transfer clock has passed.
In the case of selecting an external clock, when the receive conditions are satisfied, the UARTi enters the
receive enable state and reception is started by input of an external clock to the CLKi pin.
____
In the case of selecting an external clock and the RTS function, when the UARTi enters the receive enable
____
state, the RTSi pin’s output level becomes “L” to inform the transmitter side that reception is enabled. When
____
____
reception is started, the RTSi pin’s output level becomes “H.” Accordingly, by connecting the RTSi pin to
____
the CTSi pin of the transmitter side, the timing of transmission and that of reception can be matched. When
____
____
an internal clock is selected, do not use the RTS function. It is because the RTS output becomes undefined.
Figure 11.3.10 shows a connection example.
The receive operations are described below:
Œ The input signal of the RxDi pin is taken into the most significant bit of the UARTi receive register
synchronously with the rising edge of the transfer clock.
 The contents of the UARTi receive register are shifted by 1 bit to the right.
Ž Steps Œ and  are repeated at each rising edge of the transfer clock.
 When 1-byte data is prepared in the UARTi receive register, the contents of this register are transferred
to the UARTi receive buffer register.
 Simultaneously with step , the receive complete flag is set to “1,” and a UARTi receive interrupt request
occurs and its interrupt request bit is set to “1.”
The receive complete flag is cleared to “0” when the low-order byte of the UARTi receive buffer register
____
is read out. The RTSi pin outputs “H” level until the receive conditions are next satisfied (when selecting
____
the RTS function). Figure 11.3.11 shows the receive operation, and Figure 11.3.12 shows an example of
receive timing (when selecting an external clock).
Fig. 11.3.10 Connection example
TxDi
RxDi
CLKi
TxDi
RxDi
CLKi
Transmitter side
Receiver side
CTSi
RTSi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com