Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 223Page - Renesas Technology Corp 7721 Datasheet HTML 224Page - Renesas Technology Corp 7721 Datasheet HTML 225Page - Renesas Technology Corp 7721 Datasheet HTML 226Page - Renesas Technology Corp 7721 Datasheet HTML 227Page - Renesas Technology Corp 7721 Datasheet HTML 228Page - Renesas Technology Corp 7721 Datasheet HTML 229Page - Renesas Technology Corp 7721 Datasheet HTML 230Page - Renesas Technology Corp 7721 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–24
11.3 Clock synchronous serial I/O mode
Fig. 11.3.7 Initial setting example for relevant registers when receiving (1)
V Necessary only when an internal clock is selected.
UART0 baud rate register (BRG0) (Address 3116)
UART1 baud rate register (BRG1) (Address 3916)
b7
b0
Can be set to 0016 to FF16 .
1
0
0
0
UART0 transmit/receive mode register (Address 3016)
UART1 transmit/receive mode register (Address 3816)
b7
b0
Internal/External clock select bit
0: Internal clock
1: External clock
!: It may be “0” or “1.”
Clock synchronous serial I/O mode
Continued to Figure 11.3.8 on next page.
UART0 transmit/receive control register 0 (Address 3416)
UART1 transmit/receive control register 0 (Address 3C16)
b7
b0
CTS
/ RTS select bit
0: CTS function selected
1: RTS function selected
!! !
BRG count source select bits
b1 b0
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com