Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 227Page - Renesas Technology Corp 7721 Datasheet HTML 228Page - Renesas Technology Corp 7721 Datasheet HTML 229Page - Renesas Technology Corp 7721 Datasheet HTML 230Page - Renesas Technology Corp 7721 Datasheet HTML 231Page - Renesas Technology Corp 7721 Datasheet HTML 232Page - Renesas Technology Corp 7721 Datasheet HTML 233Page - Renesas Technology Corp 7721 Datasheet HTML 234Page - Renesas Technology Corp 7721 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–28
11.3 Clock synchronous serial I/O mode
Fig. 11.3.11 Receive operation
Fig. 11.3.12 Example of receive timing (when selecting external clock)
UARTi receive register
D7
D6
D5
D4
D3
D2
D1
D0
D0
D1
D0
Receive data
MSB
b7
b0
LSB
D2
D1
D0
Transfer clock
UARTi receive buffer register
•
•
•
•
•
•
D0
D1
D2 D3
D4 D5 D6
D7
D0
D1 D2
D3
D4
D5
1/fEXT
RTSi
CLKi
RxDi
: When the CLKi pin’s input level is “H,” satisfy the
following conditions:
q Transmit enable bit
→ “1”
q Receive enable bit
→ “1”
q Writing of dummy data to UARTi transmit
buffer register
Receive enable bit
Transmit enable bit
Transmit buffer
empty flag
Dummy data is set to UARTi transmit buffer register.
UARTi transmit register¨
← UARTi transmit buffer register
Received data taken in
UARTi receive register
→ UARTi receive buffer register
UARTi receive buffer register is read out.
Receive complete flag
UARTi receive
interrupt request bit
The above timing diagram applies when the following
setting conditions are satisfied:
Cleared to “0” when interrupt request is accepted or
cleared by software.
q External clock selected
q RTS function selected
fEXT: Frequency of external clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com