Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 243Page - Renesas Technology Corp 7721 Datasheet HTML 244Page - Renesas Technology Corp 7721 Datasheet HTML 245Page - Renesas Technology Corp 7721 Datasheet HTML 246Page - Renesas Technology Corp 7721 Datasheet HTML 247Page - Renesas Technology Corp 7721 Datasheet HTML 248Page - Renesas Technology Corp 7721 Datasheet HTML 249Page - Renesas Technology Corp 7721 Datasheet HTML 250Page - Renesas Technology Corp 7721 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–44
11.4 Clock asynchronous serial I/O (UART) mode
11.4.6 Receive operation
When the receive enable bit is set to “1,” the UARTi enters the receive enable state. After this, reception
starts when ST is detected and a transfer clock is generated.
____
____
In the case of selecting the RTS function, when the reception is enabled, the RTSi pin’s output level
____
becomes “L” to inform the transmitter side that reception is enabled. When reception is started, the RTSi
____
____
pin’s output level becomes “H.” Accordingly, by connecting the RTSi pin to the CTSi pin of the transmitter
side, the timing of transmission and that of reception can be matched. Figure 11.4.11 shows an connection
example.
The receive operation is described below.
Œ The input signal of the RxDi pin is taken into the most significant bit of the UARTi receive register
synchronously with the transfer clock’s rising edge.
 The contents of the UARTi receive register are shifted by 1 bit to the right.
Ž Steps Œ and  are repeated at each rising edge of the transfer clock.
 When one set of data has been prepared, in other words, when the shift has been performed several
times according to the selected data format, the UARTi receive register’s contents are transferred to the
UARTi receive buffer register.
 Simultaneously with step , the receive complete flag is set to “1.” Additionally, a UARTi receive
interrupt request occurs and its interrupt request bit is set to “1.”
The receive complete flag is cleared to “0” when the low-order byte of the UARTi receive buffer register
____
____
is read out. The RTSi pin’s output level becomes “L” simultaneously with step  (when selecting the RTS
function). Figure 11.4.12 shows an example of receive timing when the transfer data length = 8 bits.
TxDi
RxDi
TxDi
RxDi
Transmitter side
Receiver side
CTSi
RTSi
Fig. 11.4.11 Connection example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com