Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 239Page - Renesas Technology Corp 7721 Datasheet HTML 240Page - Renesas Technology Corp 7721 Datasheet HTML 241Page - Renesas Technology Corp 7721 Datasheet HTML 242Page - Renesas Technology Corp 7721 Datasheet HTML 243Page - Renesas Technology Corp 7721 Datasheet HTML 244Page - Renesas Technology Corp 7721 Datasheet HTML 245Page - Renesas Technology Corp 7721 Datasheet HTML 246Page - Renesas Technology Corp 7721 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–40
11.4 Clock asynchronous serial I/O (UART) mode
The above timing diagram applies when
the following conditions are satisfied:
q Parity disabled
q 2 stop bits
q CTS function disabled
D0 D1
D2 D3 D4 D5 D6 D7
ST
D8
D0 D1
D2 D3 D4 D5 D6 D7
ST
SP
D0 D1
ST
D8
SP
SP SP
Tc
TENDi
TxDi
TENDi: Next transmit conditions are examined when this signal level is “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from the external.)
Tc = 16(n + 1)/fi or 16(n + 1)/fEXT
fi: BRGi count source frequency (f2, f16, f64, f512)
fEXT: BRGi count source frequency (external clock)
n: Value set in BRGi
Transfer clock
Transmit enable bit
Transmit buffer
empty flag
Transmit register
empty flag
UARTi transmit
interrupt request bit
Data is set in UARTi transmit buffer register.
Start bit
Cleared to “0” when interrupt request is accepted or cleared by software.
UARTi transmit register
UARTi transmit buffer register
Stopped because transmit enable bit = “0”
Stop bit Stop bit
Fig. 11.4.8 Example of transmit timing when transfer data length = 9 bits (when parity disabled,
____
selecting 2 stop bits, not selecting CTS function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com