Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 238Page - Renesas Technology Corp 7721 Datasheet HTML 239Page - Renesas Technology Corp 7721 Datasheet HTML 240Page - Renesas Technology Corp 7721 Datasheet HTML 241Page - Renesas Technology Corp 7721 Datasheet HTML 242Page - Renesas Technology Corp 7721 Datasheet HTML 243Page - Renesas Technology Corp 7721 Datasheet HTML 244Page - Renesas Technology Corp 7721 Datasheet HTML 245Page - Renesas Technology Corp 7721 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 577 page
background image
7721 Group User’s Manual
11–39
SERIAL I/O
11.4 Clock asynchronous serial I/O (UART) mode
Fig. 11.4.7 Example of transmit timing when transfer data length = 8 bits (when parity enabled,
____
selecting 1 stop bit, selecting CTS function)
Fig. 11.4.6 Example of transmit timing when transfer data length = 8 bits (when parity enabled,
____
selecting 1 stop bit, not selecting CTS function)
Tc
D0 D1 D2 D3
D4 D5 D6
D7
ST
P
SP
D0 D1
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
ST
SP
TENDi
TxDi
TENDi: Next transmit conditions are examined when this signal level is “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from the external.)
Tc: 16(n + 1)/fi or 16(n + 1)/fEXT
fi: BRGi’s count source frequency (f2, f16, f64, f512)
fEXT: BRGi’s count source frequency (external clock)
n: Value set in BRGi
Transfer clock
Transmit enable bit
Transmit buffer
empty flag
Transmit register
empty flag
UARTi transmit
interrupt request bit
Data is set in UARTi transmit buffer register.
Start bit
Parity bit
Cleared to “0” when interrupt request is accepted or cleared by software.
The above timing diagram applies when
the following conditions are satisfied:
q Parity enabled
q 1 stop bit
q CTS function not selected
UARTi transmit register
UARTi transmit buffer register
Stopped because transmit enable bit = “0”
Stop bit
The above timing diagram applies
when the following conditions are
satisfied:
q Parity enabled
q 1 stop bit
q CTS function selected
Tc
D0 D1 D2 D3
D4 D5 D6
D7
ST
P
SP
D0 D1
D0 D1 D2 D3 D4 D5 D6 D7
ST
P SP
ST
TENDi
TxDi
TENDi: Next transmit conditions are examined when this signal level is “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from the external.)
Tc = 16(n + 1)/fi or 16(n + 1)/fEXT
fi: BRGi’s count source frequency (f2, f16, f64, f512)
fEXT: BRGi’s count source frequency (external clock)
n: Value set in BRGi
Transfer clock
Transmit buffer
empty flag
Transmit register
empty flag
UARTi transmit
interrupt request bit
Data is set in UARTi transmit buffer register.
Start bit
Parity
bit
Cleared to “0” when interrupt request is accepted or cleared by software.
UARTi transmit register
Stopped because transmit
enable bit = “0”
Stop
bit
UARTi transmit buffer register
Transmit enable bit
CTSi
Stopped because CTS = “H”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com