Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 237Page - Renesas Technology Corp 7721 Datasheet HTML 238Page - Renesas Technology Corp 7721 Datasheet HTML 239Page - Renesas Technology Corp 7721 Datasheet HTML 240Page - Renesas Technology Corp 7721 Datasheet HTML 241Page - Renesas Technology Corp 7721 Datasheet HTML 242Page - Renesas Technology Corp 7721 Datasheet HTML 243Page - Renesas Technology Corp 7721 Datasheet HTML 244Page - Renesas Technology Corp 7721 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–38
11.4 Clock asynchronous serial I/O (UART) mode
11.4.4 Transmit operation
When the receive conditions described in section “11.4.3 Method of transmission” are satisfied, a transfer
clock is generated and the following operations are automatically performed after 1 cycle of the transfer
clock has passed.
•The UARTi transmit buffer register’s contents are transferred to the UARTi transmit register.
•The transmit buffer empty flag is set to “1.”
•The transmit register empty flag is cleared to “0.”
•A UARTi transmit interrupt request occurs and the interrupt request bit is set to “1.”
The transmit operations are described below:
Œ Data in the UARTi transmit register is transmitted from the TxDi pin.
 This data is transmitted bit by bit sequentially in order of ST
→DATA (LSB)→•••→DATA (MSB)→PAR
→SP according to the transfer data format.
Ž The transmit register empty flag is set to “1” at the center of the stop bit (or the second stop bit when
selecting 2-stop bits), indicating completion of transmission. Additionally, whether the transmit conditions
for the next data are satisfied or not is examined.
When the transmit conditions for the next data are satisfied in step Ž, the start bit is generated following
the stop bit, and the next data is transmitted. When performing transmission continuously, set the next
transmit data in the UARTi transmit buffer register during transmission (when the transmit register empty
flag = “0”). When the transmit conditions for the next data are not satisfied, the TxDi pin outputs “H” level
and the transfer clock stops.
Figures 11.4.6 and 11.4.7 show examples of transmit timing when the transfer data length = 8 bits, and
Figure 11.4.8 shows an example of transmit timing when the transfer data length = 9 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com